Part Number Hot Search : 
4S15W 4111M OAC2027A MSM5218 M100D 1N5524 XQ2VP70 60100
Product Description
Full Text Search
 

To Download HMA72-12R56LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental
High Power High Performance Molded Surface Mount Inductors
RoHaSt li n Comp
Specifications @ 25C
---------- Inductance, Lo --------@ 100 kHz, 0Adc Part Number HM72A-06R20LF HM72A-06R33LF HM72A-06R47LF HM72A-06R68LF HM72A-06R82LF HM72A-061R0LF HM72A-061R5LF HM72A-062R2LF HM72A-063R3LF HM72A-064R7LF HM72A-066R8LF HM72A-06100LF HM72A-06220LF HM72A-06330LF HM72A-10R15LF HM72A-10R24LF HM72A-10R36LF HM72A-10R47LF HM72A-10R56LF HM72A-101R0LF HM72A-101R5LF HM72A-101R8LF HM72A-103R3LF HM72A-104R7LF HM72A-12R47LLF HM72A-12R68LLF HM72A-12R82LLF HM72A-121R0LLF HM72A-124R7LLF HM72A-125R6LLF HMA72-12R50LF HMA72-12R56LF HM72A-121R0LF HM72A-121R5LF HM72A-122R2LF HM72A-121R0HLF HM72A-122R2HLF HM72A-123R3HLF HM72A-124R7HLF
Notes :
* Operating Temperature Range * Temperature Rise, Maximum
-40C to +155C 50C
Min. 0.16 0.26 0.38 0.54 0.66 0.80 1.20 1.76 2.64 3.76 5.44 8.00 17.6 26.4 0.12 0.19 0.288 0.38 0.448 0.80 1.20 1.44 2.64 3.76 0.38 0.54 0.66 0.80 3.76 4.48 0.40 0.45 0.80 1.20 1.76 0.80 1.76 2.64 3.76
(H)
Typ.
Max. 0.24 0.40 0.56 0.82 0.98 1.20 1.80 2.64 3.96 5.64 8.16 12.00 26.4 39.6 0.18 0.29 0.432 0.56 0.672 1.20 1.80 2.16 3.96 5.64 0.56 0.82 0.98 1.20 5.64 6.72 0.60 0.67 1.20 1.80 2.64 1.20 2.64 3.96 5.64
Heating Current(1) (Adc) 21.2 18.0 16.1 14.4 12.0 10.3 8.4 8.3 6.6 5.4 4.1 3.2 2.2 1.8 33.0 35.0 32.0 27.0 23.0 18.0 13.0 13.0 8.0 7.6 31.0 27.0 22.0 19.0 10.0 8.0 39.0 34.0 26.0 20.0 17.0 31.0 22.0 19.0 15.0
Isat (2) (Adc) 41 30 26 25 24 22 18 14 13.5 10 8 7 4.5 3.5 44 38 35 32 30 21 18 15 12 10 55 49 44 42 24 19 65 55 50 48 32 49 40 35 30
DC Resistance (m) Typ. Max. 2.30 3.20 4.00 5.00 7.20 9.00 14.50 15.00 24.00 35.00 62.00 100.00 219.00 302.00 0.75 0.65 0.85 1.10 1.55 2.56 4.50 4.50 12.50 13.80 1.30 1.80 2.40 3.40 14.00 22.50 1.30 1.30 2.20 3.60 5.00 1.70 3.50 5.50 7.20 3.00 3.90 4.20 5.50 8.00 10.00 15.00 20.00 26.00 40.00 68.00 105.00 241.00 332.00 0.82 0.72 0.95 1.20 1.70 2.75 5.00 5.00 13.75 15.20 1.43 2.00 3.00 3.60 15.00 24.75 1.50 1.50 2.50 4.10 5.50 2.00 3.85 6.80 7.92
Height C (mm) 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 3.5 3.5 3.5 3.5 3.5 3.5 5.0 5.0 5.0 5.0 5.0 6.5 6.5 6.5 6.5
Figure 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
0.20 0.33 0.47 0.68 0.82 1.00 1.50 2.20 3.30 4.70 6.80 10.00 22.0 33.0 0.15 0.24 0.360 0.47 0.560 1.00 1.50 1.80 3.30 4.70 0.47 0.68 0.82 1.00 4.70 5.60 0.50 0.56 1.00 1.50 2.20 1.00 2.20 3.30 4.70
(1) The heating current is the DC current which causes the component temperature to increase by approximately 50C. This current is determined by soldering the component on a typical application PCB, and then apply the current to the device for 30 minutes. (2) The saturation current (Isat) is the approximate current at which the inductance will be decreased by 20% typical from its initial (zero DC) value.
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
73
Outline Dimensions (mm)
Figure 1 Top View
Bottom View
Figure 2 Top View Bottom View
Recommended Land Pattern
Case Size 06 10 12*
Fig. 1 2 2
A 7.23 11.5 13.5
B 6.8 10.5 13.0
D 2.0 4.9 6.9
E 3.3 3.3 3.3
F 7.4 11.5 13.5
G* 3.0 3.0 3.0
I 2.0 2.5 2.5
Note: Refer to Specifications table for `C' dimension of each model. * The `G' dimension of HM72-123R3HLF & HM72A-124R7HLF is 2.3mm.
Electrical Characteristics @ 25C
Inductance vs. Current Characteristics
74
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Electrical Characteristics @ 25C (Cont'd)
Inductance Rolloff vs. Current Characteristics
Packaging
Standard: Embossed Tape and Reel Reel: Diameter: Capacity: = = = = = 13" (330.2mm) 1,000 Units 500 Units 500 Units 400 Units
06XXX 10XXX 12XXXL 12XXX/ 12XXXH
Ordering Information
HM72A
Model Series Case Size: 06, 10, 12
06
1R0
LF
TR13
TR - Tape & Reel Packing 13" - 13" Reel Lead Free
Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point.
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
75


▲Up To Search▲   

 
Price & Availability of HMA72-12R56LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X